Part Number Hot Search : 
SI7456 2SC5076 P6KE68C PQ033DNA TLMD310 0CB100 74CBTLV SM1L43
Product Description
Full Text Search
 

To Download HMC361 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 v03.0404
MICROWAVE CORPORATION
HMC361
GaAs HBT MMIC DIVIDE-BY-2, DC - 11.0 GHz
Features
Ultra Low SSB Phase Noise: -148 dBc/Hz Wide Bandwidth Output Power: 3 dBm Single DC Supply: +5V Small Size: 0.686 mm x 1.143 mm
Typical Applications
Prescaler for DC to X Band PLL Applications: * Satellite Communication Systems * Fiber Optic
3
FREQ. DIVIDERS - CHIP
* Pt-Pt and Pt-MPt Radios * VSAT
Functional Diagram
General Description
The HMC361 is a low noise Divide-by-2 Static Divider with InGaP GaAs HBT technology that has a small size of 0.686 mm x 1.143 mm. This device operates from DC (with a square wave input) to 11 GHz input frequency with a single +5.0V DC supply. The low additive SSB phase noise of -148 dBc/Hz at 100 kHz offset helps the user maintain good system noise performance.
Electrical Specifications, TA = +25 C, 50 Ohm System, Vcc = 5V
Parameter Maximum Input Frequency Minimum Input Frequency Input Power Range Sine Wave Input. [1] Fin = 1 to 9 GHz Fin = 9 to 11 GHz Output Power [2] Fin = 6 GHz Fin = 9 GHz Fin = 11 GHz Reverse Leakage SSB Phase Noise (100 kHz offset) Output Transition Time Supply Current (Icc) [2] Both RF Outputs Terminated Pin = 0 dBm, Fin = 6 GHz Pin = 0 dBm, Fout = 882 MHz -15 -10 0 -5 -8 45 -148 100 83 Conditions Min. 11 Typ. 12 0.2 >-20 >-15 3 0.5 +10 +2 Max. Units GHz GHz dBm dBm dBm dBm dBm dB dBc/Hz ps mA
1. Divider will operate down to DC for square-wave input signal. 2. When operated in high power mode (pin 10 connected to ground).
3-2
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
v03.0404
MICROWAVE CORPORATION
HMC361
GaAs HBT MMIC DIVIDE-BY-2, DC - 11.0 GHz
GaAs MMIC SUB-HARMONICALLY Input Sensitivity Window17 Temperature PUMPED MIXER vs. - 25 GHz Input Sensitivity Window, T= 25 C
20 20 10 10
INPUT POWER (dBm)
0
INPUT POWER (dBm)
Recommended Operating Window
0
-10
-10
Min Pin +25 C Max Pin +25 C Min Pin +85 C Max Pin +85 C Min Pin -55 C Max Pin -55 C
3
10 11 12 13 14 15
-20
-20
-30 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 INPUT FREQUENCY (GHz)
-30 0 1 2 3 4 5 6 7 8 9 INPUT FREQUENCY (GHz)
Output Power vs. Temperature
10 8
+25 C +85 C -55 C
SSB Phase Noise Performance, Pin= 0 dBm, T= 25 C
0 -20
OUTPUT POWER (dBm)
6 4 2 0 -2 -4 -6 -8 -10 0 1 2 3 4 5 6 7 8 9
-40 -60 -80 -100 -120 -140 -160 2 10
10 11 12 13 14 15
10
3
10
4
10
5
10
6
10
7
INPUT FREQUENCY (GHz)
OFFSET FREQUENCY (Hz)
Output Harmonic Content, Pin= 0 dBm, T= 25 C
0
Pfeedthru 3rd Harmonic
Reverse Leakage, Pin= 0 dBm, T= 25 C
0
Both Output Ports Terminated One Output Port Terminated
-10
-10
OUTPUT LEVEL (dBm)
POWER LEVEL (dBm)
-20
-20
-30
-30
-40
-40
-50 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 INPUT FREQUENCY (GHz)
-50 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 INPUT FREQUENCY (GHz)
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
3-3
FREQ. DIVIDERS - CHIP
SSB PHASE NOISE (dBc/Hz)
MICROWAVE CORPORATION
v03.0404
HMC361
GaAs HBT MMIC DIVIDE-BY-2, DC - 11.0 GHz
Output Voltage Waveform, Pin= 0 dBm, Fout= 882 MHz, T= 25 C
500 400 300
Absolute Maximum Ratings
RF Input (Vcc = +5V) Vcc VLogic Storage Temperature Operating Temperature +13 dBm +5.5V Vcc -1.6V to Vcc -1.2V -65 to +150 C -55 to +85 C
AMPLITUDE (mV)
200 100 0 -100 -200 -300
3
FREQ. DIVIDERS - CHIP
-400 -500 22.7 22.9 23.1 23.3 23.5 23.7 23.9 24.1 24.3 24.5 24.7 TIME (nS)
Typical Supply Current vs Vcc
Vcc (V) 4.75 5.0 5.25 Icc (mA) 74 83 89
Note: Divider will operate over full voltage range shown above
Outline Drawing
NOTES; 1. ALL DIMENSIONS IN INCHES (MILLIMETERS) 2. ALL TOLERANCES ARE 0.001 (0.025) 3. DIE THICKNESS IS 0.004 (0.100) BACKSIDE IS GROUND 4. BOND PADS ARE 0.004 (0.100) SQUARE 5. BOND PAD SPACING, CTR-CTR: 0.006 (0.150) 6. BACKSIDE METALLIZATION: GOLD 7. BOND PAD METALLIZATION: GOLD
3-4
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
MICROWAVE CORPORATION
v03.0404
HMC361
GaAs HBT MMIC DIVIDE-BY-2, DC - 11.0 GHz
Pad Description
Pad Number Function Description Interface Schematic
1
IN
RF Input 180 out of phase with pad 3 for differential operation. AC ground for single ended operation.
3
FREQ. DIVIDERS - CHIP
3-5
2
N/C
Not Connected
4, 5, 6
VCC
Supply Voltage 5V 0.25V can be applied to pad 4, 5, or 6.
3
IN
RF Input must be DC blocked.
7, 11, 12
GND
Ground: These pads are grounded.
8
OUT
Divided Output
9
OUT
Divided output 180 out of phase with pad 8.
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
v03.0404
MICROWAVE CORPORATION
HMC361
GaAs HBT MMIC DIVIDE-BY-2, DC - 11.0 GHz
Pad Description (continued)
Pad Number Function Description Interface Schematic
3
FREQ. DIVIDERS - CHIP
10
PWR SEL
In the low power mode, the power select pin is left floating. By grounding this pin, the output power is increased by approximately 6 dB.
13
PWR DWN
The power down pin is grounded for normal operation. Applying 5 volts to this pin will power down this device.
14
DISABLE
The disable pin is grounded for normal operation. Applying 5 volts to this pin will disable the input buffer amplifier.
Truth Table
Function DISABLE PWR DWN PWR SEL Pin 14 13 5V Output Off Power Down x GND Output On Power Up High Power Output Float X X Low Power Output
10
X = State not permitted.
3-6
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
v03.0404
MICROWAVE CORPORATION
HMC361
GaAs HBT MMIC DIVIDE-BY-2, DC - 11.0 GHz
Assembly Diagram
AC coupling capacitors. To +5V VCC Supply (Bypassed via 10 uF Capacitor). AC coupling capacitors.
3
Optional AC coupled differential input. Should be AC grounded for single ended operation. Optional AC coupled differential output. For best single ended reverse leakage performance, this port should be terminated into 50 ohm.
This port should be grounded for normal operation. Applying +5V to this port will disable the input buffer amplifier.
This port should be grounded for normal operation. Applying +5V to this port will power down the device.
For high power output, this port should be bonded to ground. For low power output, this port should be floating.
Handling Precautions
Follow these precautions to avoid permanent damage. Cleanliness: Handle the chips in a clean environment. DO NOT attempt to clean the chip using liquid cleaning systems. Static Sensitivity: Follow ESD precautions to protect against > 250V ESD strikes. Transients: Suppress instrument and bias supply transients while bias is applied. Use shielded signal and bias cables to minimize inductive pick-up. General Handling: Handle the chip along the edges with a vacuum collet or with a sharp pair of bent tweezers. The surface of the chip has fragile air bridges and should not be touched with vacuum collet, tweezers, or fingers.
Mounting
The chip is back-metallized and can be die mounted with AuSn eutectic preforms or with electrically conductive epoxy. The mounting surface should be clean and flat. Eutectic Die Attach: A 80/20 gold tin preform is recommended with a work surface temperature of 255 C and a tool temperature of 265 C. When hot 90/10 nitrogen/hydrogen gas is applied, tool tip temperature should be 290 C. DO NOT expose the chip to a temperature greater than 320 C for more than 20 seconds. No more than 3 seconds of scrubbing should be required for attachment. Epoxy Die Attach: Apply a minimum amount of epoxy to the mounting surface so that a thin epoxy fillet is observed around the perimeter of the chip once it is placed into position. Cure epoxy per the manufacturer's schedule.
Wire Bonding
Ball or wedge bond with 0.025 mm (1 mil) diameter pure gold wire. Thermosonic wirebonding with a nominal stage temperature of 150 C and a ball bonding force of 40 to 50 grams or wedge bonding force of 18 to 22 grams is recommended. Use the minimum level of ultrasonic energy to achieve reliable wirebonds. Wirebonds should be started on the chip and terminated on the package or substrate. All bonds should be as short as possible <0.31 mm (12 mils).
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
3-7
FREQ. DIVIDERS - CHIP


▲Up To Search▲   

 
Price & Availability of HMC361

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X